Part Number Hot Search : 
FU9024 12C10 SMCJ30 TLWR8 121001 MMBD142W FDS8958 AM7960DC
Product Description
Full Text Search
 

To Download 2SB1411 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1411
DESCRIPTION *With TO-220F package *DARLINGTON *High DC current gain *Low collector saturation voltage APPLICATIONS *Switching applications *Hammer drive ,pulse motor drive applications
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220F) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current TC=25 PC Collector power dissipation CONDITIONS Open emitter Open base Open collector VALUE -100 -100 -7 -2 -3 -0.5 20 UNIT V V V A A A W
Tj Tstg
Junction temperature Storage temperature
150 -55~150
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency Collector output capacitance CONDITIONS IC=-50mA ;IB=0 IC=-5A; IB=-5mA IC=-5A; IB=-5mA VCB=-110V; IE=0 VEB=-5V; IC=0 IC=-5A ; VCE=-4V IC=-0.5A ; VCE=-12V f=1MHz;VCB=-10V 5000 MIN -110
2SB1411
SYMBOL V(BR)CEO VCEsat VBEsat ICBO IEBO hFE fT COB
TYP.
MAX
UNIT V
-2.5 -3.0 -0.1 -0.1
V V mA mA
100 110
MHz pF
Switching times ton ts tf Turn-on time Storage time Fall time IC=-5A IB1=-IB2=-5mA VCC=30V ,RL=6B 1.1 3.2 1.1 s s s
hFE Classifications O 5000-12000 p 6500-20000 Y 15000-30000
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1411
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SB1411

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X